Part Number Hot Search : 
EA09206 29F04 28C65 UZ4215 UCN5800 7C65630 NL1027 SKKH92
Product Description
Full Text Search
 

To Download EC2A11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S
E
R
I
E
S
Line Regulation................................................................................................................................................................................................................. 0.3% Load Regulation................................................................................................................................................................................................................ 0.5%
GENERAL SPECIFICATIONS:
Efficiency................................................................................................................................................................................................................................50%
Features
* 24-Pin DIP Package * Regulated Outputs * 50% Efficiency * Pi Input Filter * Low Ripple and Noise
Isolation Capacitance........................................................................................................................................................................................................30pF Isolation Resistance......................................................................................................................................................................................................109 ohms Switching Frequency.................................................................................................................................................................................................20KHz, min Operating Temperature Range.......................................................................................................................................................................-25C to + 71C Case Temperature (Plastic case)............................................................................................................................................................................95C max. (Copper case)......................................................................................................................................................................100C max. Cooling.......................................................................................................................................................................................................Free-Air Convection Storage Temperature Range.........................................................................................................................................................................-40C to + 100C Dimensions ..............................................................................................................................................................................................1.25 x 0.8 x 0.4 inches (31.8 x 20.3 x 10.2mm) Weight...................................................................................................................................................................................................................................12.5g
ISOLATION VOLTAGE: MODEL NUMBER EC2A01 EC2A02 EC2A03 EC2A04 EC2A05 EC2A11 EC2A12 EC2A13 EC2A14 EC2A15 EC2A21 EC2A22 EC2A23 EC2A24 EC2A25 EC2A31 EC2A32 EC2A33 EC2A34 EC2A35 EC2A41 EC2A42 EC2A43 EC2A44 EC2A45 48 VDC 28 VDC 24 VDC 12 VDC 5 VDC INPUT VOLTAGE OUTPUT VOLTAGE 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC OUTPUT CURRENT 300 mA 125 mA 100 mA 60 mA 50 mA 300 mA 125 mA 100 mA 60 mA 50 mA 300 mA 125 mA 100 mA 60 mA 50 mA 300 mA 125 mA 100 mA 60 mA 50 mA 300 mA 125 mA 100 mA 60 mA 50 mA 15 mA 20 mA 20 mA 40 mA 110 mA INPUT CURRENT NO LOAD FULL LOAD 620 mA 550 mA 550 mA 550 mA 550 mA 260 mA 215 mA 215 mA 215 mA 215 mA 130 mA 115 mA 115 mA 115 mA 115 mA 110 mA 100 mA 100 mA 100 mA 100 mA 65 mA 60 mA 60 mA 60 mA 60 mA A
0.60 (15.2) 0.80 (20.3) 24 1 2 3
CASE
500 VDC min...................................................................................................................................................................................................Standard Models 3K VDC min.......................................................................................................................................................................................................Suffix "H" Models
CASE MATERIAL:
Standard Models......................................................................................................................................................................Non-Conductive Black Plastic Suffix "M" Models...................................................................................................................................................................................Black Coated Copper
A
with Non-Conductive Base
CASE A
A
Tolerance .xx= .02, .xxx= .010
NOTE:Pin Size is .02" Inch (0.5mm) DIA All Dimensions In Inches(mm)
0.08 (2.0)
SEE NOTE
PIN CONNECTION
Pin 1 24
1.25 (31.8)
A
23 22
500 VDC Single Dual Output Output +V Input NC NC -V Output +V Output -V Input -V Input +V Output -V Output +V Input -V Output Common Common +V Output -V Input -V Input +V Output Common
Pin 1 2,3 10 11 12 13 14 15 16 17
3K VDC Single Dual Output Output +V Input NP -V Output NP NP NP +TP +V Input -V Input Go Output -TP NP +V Output +TP NP
BOTTOM VIEW
A
17 16 15 14 13 10 11 12
2 23
0.10 (2.5)
22,23,24 -V Input
3 22 10 11 12 13 14 15
0.40 (10.2)
+V Output -V Output
0.15 (3.8)
*NP-NO PIN *NC-NO CONNECTION WITH PIN
*TP-TEST POINT *GO-GROUND
3
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
All Specifications Typical At Nominal Line, Full Load and 25C Unless Otherwise Noted.
EC2A
4
EC2A
Specifications
INPUT SPECIFICATIONS:
Input Voltage Range..........................................................................................................................................................................................................10% Input Filter..........................................................................................................................................................................................................................Pi Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy.................................................................................................................................................................................................... 4.0% max. Temperature Coefficient........................................................................................................................................................................................ 0.02% / C Ripple and Noise, 20MHz BW............................................................................................................................................................................50mV p-p max. Short Circuit Protection...........................................................................................................................................................................................Momentary
1.5 WATT DC-DC CONVERTERS


▲Up To Search▲   

 
Price & Availability of EC2A11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X